Part Number Hot Search : 
SL1505 01906 LM324A 1336M D2587P59 1217M KL07ES A1205LLH
Product Description
Full Text Search
 

To Download DSEC60-12A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSEC 60-12A
HiPerFREDTM Epitaxial Diode
with common cathode and soft recovery
IFAV = 2x 30 A VRRM = 1200 V trr = 40 ns
TO-247 AD
VRSM V 1200
VRRM V 1200
Type
DSEC 60-12A
A
C
A
A C A
C (TAB)
A = Anode, C = Cathode, TAB = Cathode
Symbol IFRMS IFAVM IFSM EAS IAR TVJ TVJM Tstg Ptot Md Weight
Conditions TC = 115C; rectangular, d = 0.5 TVJ = 45C; tp = 10 ms (50 Hz), sine TVJ = 25C; non-repetitive IAS = 11.5 A; L = 180 H VA = 1.25*VR typ.; f = 10 kHz; repetitive
Maximum Ratings 70 30 200 14 1.2 -55...+175 175 -55...+150 A A A mJ A C C C W Nm g Applications
q
Features
q q q q q q q
International standard package Planar passivated chips Very short recovery time Extremely low switching losses Low IRM-values Soft recovery behaviour Epoxy meets UL 94V-0
TC = 25C mounting torque typical
165 0.8...1.2 6
q q q
Symbol IR x
Conditions TVJ = 25C VR = VRRM TVJ = 150C VR = VRRM IF = 30 A; TVJ = 150C TVJ = 25C
Characteristic Values typ. max. 250 1 1.78 2.74 0.9 0.25 mA mA V V K/W K/W ns A
q
VF y RthJC RthCH trr IRM
q q q
Antiparallel diode for high frequency switching devices Antisaturation diode Snubber diode Free wheeling diode in converters and motor control circuits Rectifiers in switch mode power supplies (SMPS) Inductive heating Uninterruptible power supplies (UPS) Ultrasonic cleaners and welders
IF = 1 A; -di/dt = 200 A/ms; VR = 30 V; TVJ = 25C VR = 100 V; IF = 50 A; -diF/dt = 100 A/ms TVJ = 100C
40 5.5
Advantages
q
q
q
Avalanche voltage rated for reliable operation Soft reverse recovery for low EMI/RFI Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch
Pulse test: x Pulse Width = 5 ms, Duty Cycle < 2.0 % y Pulse Width = 300 ms, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified
Dimensions see outlines.pdf
(c) 2000 IXYS All rights reserved
1-2
008
IXYS reserves the right to change limits, test conditions and dimensions.
DSEC 60-12A
70 A 60 IF 50 Qr
5
mC
4
TVJ= 100C VR = 600V
IRM
60 A 50 40
TVJ= 100C VR = 600V
TVJ=150C
40 TVJ=100C TVJ= 25C 30 20
3
2
IF= 60A IF= 30A IF= 15A
30 20
IF= 60A IF= 30A IF= 15A
1 10 0 0 1 2 3 VF V 4 0 100
10 0 A/ms 1000 -diF/dt 0 200 400 600 A/ms 1000 800 -diF/dt
Fig. 1 Forward current IF versus VF
Fig. 2 Reverse recovery charge Qr versus -diF/dt
220 ns 200
Fig. 3 Peak reverse current IRM versus -diF/dt
120 V VFR 80 1.2
2.0
TVJ= 100C VR = 600V
TVJ= 100C IF = 30A tfr
s tfr 0.8
1.5 Kf 1.0
trr 180
I RM
160
IF= 60A IF= 30A IF= 15A
40
VFR
0.4
0.5
Qr
0.0 0 40 80 120 C 160 TVJ
140
120 0 200 400 600 -diF/dt 800 A/ms 1000
0 0 200 400
0.0 600 A/ms 1000 800 diF/dt
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
1 K/W
Fig. 5 Recovery time trr versus -diF/dt
Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 0.465 0.179 0.256 ti (s) 0.0052 0.0003 0.0397
0.1 ZthJC
0.01
0.001 0.00001
DSEP 30-12A/DSEC 60-12A
0.0001
0.001
0.01
0.1 t
s
1
Fig. 7 Transient thermal resistance junction to case
008
NOTE: Fig. 2 to Fig. 6 shows typical values
(c) 2000 IXYS All rights reserved
2-2


▲Up To Search▲   

 
Price & Availability of DSEC60-12A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X